|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? ! " #$$% ! & ' () (' * ( " ( ' ) ) ) ') ? 20v/10a, r ds(on) =10m ? (typ.) @ v gs =4.5v r ds(on) =15m ? (typ.) @ v gs =2.5v ? ? ? ? ? super high dense cell design ? ? ? ? ? reliable and rugged ? ? ? ? ? lead free available (rohs compliant) n-channel mosfet top view of sop ? 8 ? power management in notebook computer, portable equipment and battery powered systems apm9424 handling code temp. range package code package code k : sop-8 operating junction temp. range c : -55 to 150c handling code tu : tube tr : tape & reel lead free code l : lead free device blank : original device apm9424 k : apm9424 xxxxx xxxxx - date code lead free code s s s g d d d d g s d d ( 5,6,7,8 ) (4) (1, 2, 3) d d s s note: anpec lead-free products contain molding compounds/die attach materials and 100% matte in plate termina- tion finish; which are fully compliant with rohs and compatible with both snpb and lead-free soldiering operations. anpec lead-free products meet or exceed the lead-free requirements of ipc/jedec j std-020c for msl classifica- tion at lead-free peak reflow temperature. ? ! " #$$% # (t a = 25 c unless otherwise noted) !"# (t a = 25 c unless otherwise noted) symbol parameter rating unit v dss drain-source voltage 20 v gss gate-source voltage 16 v i d * continuous drain current 10 i dm * pulsed drain current v gs =4.5v 40 a i s * diode continuous forward current 2.3 a t j maximum junction temperature 150 t stg storage temperature range -55 to 150 c t a =25 c 2 p d * maximum power dissipation t a =100 c 0.8 w r ja * thermal resistance-junction to ambient 62.5 c/w note: *surface mounted on 1in 2 pad area, t 10sec. apm9424k symbol parameter test condition min. typ. max. unit static characteristics bv dss drain-source breakdown voltage v gs =0v, i ds =250 a 20 v v ds =16v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 30 a v gs(th) gate threshold voltage v ds =v gs , i ds =250 a 0.7 0.9 1.5 v i gss gate leakage current v gs =16v, v ds =0v 100 na v gs =4.5v, i ds =10a 10 13 r ds(on) a drain-source on-state resistance v gs =2.5v, i ds =8a 15 20 m ? v sd a diode forward voltage i sd =2.3a , v gs =0v 0.8 1.3 v gate charge characteristics b q g total gate charge 28.2 37 q gs gate-source charge 5.2 q gd gate-drain charge v ds =10v, v gs =4.5v, i ds =10a 7.6 nc ? ! " #$$% + $ %& (t a = 25 c unless otherwise noted) apm9424k symbol parameter test condition min. typ. max. unit dynamic characteristics b r g gate resistance v gs =0v,v ds =0v,f=1mhz 2.1 ? c iss input capacitance 2400 c oss output capacitance 720 c rss reverse transfer capacitance v gs =0v, v ds =15v, frequency=1.0mhz 480 pf t d(on) turn-on delay time 35 70 t r turn-on rise time 80 160 t d(off) turn-off delay time 115 235 t f turn-off fall time v dd =10v, r l =10 ? , i ds =1a, v gen =4.5v, r g =6 ? 40 85 ns notes: a : pulse test ; pulse width 300 s, duty cycle 2%. b : guaranteed by design, not subject to production testing. ? ! " #$$% , 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 '( i d - drain current (a) safe operation area v ds - drain - source voltage (v) power dissipation p tot - power (w) t j - junction temperature ( c) i d - drain current (a) drain current t j - junction temperature ( c) thermal transient impedance square wave pulse duration (sec) 0 20406080100120140160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 0 20406080100120140160 0 2 4 6 8 10 12 t a =25 o c,v g =4.5v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 rds(on) limit 1s t a =25 o c 10ms 100ms dc 1ms normalized transient thermal resistance ? ! " #$$% % '( $ %& v ds - drain - source voltage (v) i d - drain current (a) output characteristics r ds(on) - on - resistance (m ? ) drain-source on resistance i d - drain current (a) transfer characteristics v gs - gate - source voltage (v) i d - drain current (a) t j - junction temperature ( c) gate threshold voltage normalized threshold voltage 0246810 0 5 10 15 20 25 30 1.5v 2v v gs = 3, 4, 5, 6, 7, 8, 9, 10v 0 5 10 15 20 25 30 0 5 10 15 20 25 v gs =2.5v v gs =4.5v 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 25 30 t j =125 o c t j =25 o c t j =-55 o c -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i ds =250 ? ? ! " #$$% - '( $ %& drain-source on resistance normalized on resistance t j - junction temperature ( c) v sd - source - drain voltage (v) source-drain diode forward i s - source current (a) v ds - drain - source voltage (v) c - capacitance (pf) capacitance gate charge q g - gate charge (nc) v gs - gate-source voltage (v) -50 -25 0 25 50 75 100 125 150 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 r on @t j =25 o c: 10m ? v gs = 4.5v i ds = 10a 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 30 t j =150 o c t j =25 o c 048121620 0 500 1000 1500 2000 2500 3000 3500 4000 4500 crss ciss frequency=1mhz coss 0 5 10 15 20 25 30 35 0 1 2 3 4 5 v ds =10v i ds = 10a ? ! " #$$% . millimeters inches dim min. max. min. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.004 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 h 5.80 6.20 0.228 0.244 l 0.40 1.27 0.016 0.050 e1 0.33 0.51 0.013 0.020 e2 1.27bsc 0.50bsc 18 8 h e e1 e2 0.015x45 d a a1 0.004max. 1 l sop-8 pin ( reference jedec registration ms-012) ? ! " #$$% / terminal material solder-plated copper (solder material : 90/10 or 63/37 snpb), 100%sn lead solderability meets eia specification rsi86-91, ansi/j-std-002 category 3. t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 temperature time critical zone t l to t p #) (ir/convection or vpr reflow) (* #) profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat temperature min (tsmin) temperature max (tsmax) time (min to max) (ts) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: temperature (t l ) time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak/classificatioon temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10-30 seconds 20-40 seconds ramp-down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. notes: all temperatures refer to topside of the package .measured on the body surface. ? ! " #$$% 0 '+# t ao e w po p ko bo d1 d f p1 test item method description solderability mil-std-883d-2003 245 c,5 sec holt mil-std 883d-1005.7 1000 hrs bias @ 125 c pct jesd-22-b, a102 168 hrs, 100% rh, 121 c tst mil-std 883d-1011.9 -65 c ~ 150 c, 200 cycles #!(' table 1. snpb entectic process ? package peak reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 <2.5 mm 240 +0/-5 c 225 +0/-5 c 2.5 mm 225 +0/-5 c 225 +0/-5 c table 2. pb-free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350-2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level. #) $ %& ? ! " #$$% !$ * , anpec electronics corp. head office : 5f, no. 2 li-hsin road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 7f, no. 137, lane 235, pac chiao rd., hsin tien city, taipei hsien, taiwan, r. o. c. tel : 886-2-89191368 fax : 886-2-89191369 , ' application carrier width cover tape width devices per reel sop- 8 12 9.3 2500 '+# $ %& a j b t2 t1 c application a b c j t1 t2 w p e 330 1 62 1.5 12.75 + 0.1 5 2 + 0.5 12.4 +0.2 2 0.2 12 + 0.3 - 0.1 8 0.1 1.75 0.1 f d d1 po p1 ao bo ko t sop-8 5.5 0.1 1.55 0.1 1.55+ 0.25 4.0 0.1 2.0 0.1 6.4 0.1 5.2 0.1 2.1 0.1 0.3 0.013 (mm) |
Price & Availability of APM9424KC-TUL |